Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 42Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 43Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 47Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 48Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 49Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 46 of 98
OTHER ANALOG PERIPHERALS
DAC
The ADuC7023 incorporates four, 12-bit voltage output DACs
on chip. Each DAC has a rail-to-rail voltage output buffer
capable of driving 5 kΩ/100 pF.
Each DAC has two selectable ranges: 0 V to VREF (internal band
gap 2.5 V reference) and 0 V to AVDD.
The signal range is 0 V to AVDD.
By setting RSTCFG Bit 2, the DAC output pins can retain their
state during a watchdog or software reset.
MMRs Interface
Each DAC is independently configurable through a control
register and a data register. These two registers are identical for
the four DACs. Only DAC0CON (see Table 40) and
DAC0DAT (see Table 41) are described in detail in this section.
DACxCON Registers
Name
Address
Default Value
Access
DAC0CON
0xFFFF0600
0x00
R/W
DAC1CON
0xFFFF0608
0x00
R/W
DAC2CON
0xFFFF0610
0x00
R/W
DAC3CON
0xFFFF0618
0x00
R/W
Table 40. DAC0CON MMR Bit Designations
Bit
Value
Name
Description
7
Reserved.
6
DACBY
This bit is set to bypass the DAC
output buffer.
This bit is cleared to enable the
DAC output buffer.
5
DACCLK
DAC update rate.
This bit is set by the user to update
the DAC using Timer1.
This bit is cleared by the user to
update the DAC using HCLK (core
clock).
4
DACCLR
DAC clear bit.
This bit is set by the user to enable
normal DAC operation.
This bit is cleared by the user to
reset data register of the DAC to 0.
3
Reserved. This bit remains at 0.
2
Reserved. This bit remains at 0.
1 to 0
DAC range bits.
00
Power-down mode. The DAC
output is in tristate.
01
Reserved.
10
0 V to VREF (2.5 V) range.
11
0 V to AVDD range.
DACxDAT Registers
Name
Address
Default Value
Access
DAC0DAT
0xFFFF0604
0x00000000
R/W
DAC1DAT
0xFFFF060C
0x00000000
R/W
DAC2DAT
0xFFFF0614
0x00000000
R/W
DAC3DAT
0xFFFF061C
0x00000000
R/W
Table 41. DAC0DAT MMR Bit Designations
Bit
Description
31 to 28
Reserved.
27 to 16
12-bit data for DAC0.
15 to 0
Reserved.
Using the DACs
The on-chip DAC architecture consists of a resistor string DAC
followed by an output buffer amplifier. The functional equivalent
is shown in Figure 32.
R
R
R
R
R
DAC0
VREF
AVDD
DACREF
Figure 32. DAC Structure
As illustrated in Figure 32, the reference source for each DAC
is user-selectable in software. It can be either AVDD or VREF. In
0-to-AVDD mode, the DAC output transfer function spans from
0 V to the voltage at the AVDD pin. In 0-to-VREF mode, the DAC
output transfer function spans from 0 V to the internal 2.5 V
reference, VREF.
The DAC output buffer amplifier features a true, rail-to-rail
output stage implementation. This means that when unloaded,
each output is capable of swinging to within less than 5 mV of
both AVDD and ground. Moreover, the DAC linearity specification
(when driving a 5 kΩ resistive load to ground) is guaranteed
through the full transfer function except Code 0 to Code 100,
and, in 0-to-AVDD mode only, Code 3995 to Code 4095.
Linearity degradation near ground and VDD is caused by saturation
of the output amplifier, and a general representation of its effects
(neglecting offset and gain error) is illustrated in Figure 33. The
dotted line in Figure 33 indicates the ideal transfer function, and
the solid line represents what the transfer function may look like
with endpoint nonlinearities due to saturation of the output
amplifier. Figure 33 represents a transfer function in 0-to-AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com