Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
CC1020
SWRS046
Page 31 of 92
The DEC_DIV[4:0] bits in the FILTER
register control the receiver channel filter
bandwidth. The 6 dB bandwidth is given
by:
ChBW = 307.2 / (DEC_DIV + 1) [kHz]
where the IF frequency is set to 307.2
kHz.
In SmartRF® Studio the user specifies the
channel spacing and the channel filter
bandwidth is set according to Table 18.
For narrowband systems with channel
spacings of 12.5 and 25 kHz the channel
filter bandwidth is 12.288 kHz and 19.2
kHz respectively to comply with ARIB STD
T-67 and EN 300 220.
For wideband systems (channel spacing of
50 kHz and above) it is possible to use
different channel filter bandwidths than
given in Table 18.
There is a trade-off between selectivity as
well as sensitivity and accepted frequency
tolerance. In applications where larger
frequency drift is expected, the filter
bandwidth can be increased, but with
reduced adjacent channel rejection (ACR)
and sensitivity.
Channel
spacing
[kHz]
Filter
bandwidth
[kHz]
FILTER.DEC_DIV
[4:0]
[decimal(binary)]
12.5
12.288
24 (11000b)
25
19.2
15 (01111b)
50
25.6
11 (01011b)
100
51.2
5 (00101b)
150
102.4
2 (00010b)
200
153.6
1 (00001b)
500
307.2
0 (00000b)
Table 18. Channel filter bandwidths used
for the channel spacings defined in
SmartRF® Studio
12.3. Demodulator, Bit Synchronizer and Data Decision
The block diagram for the demodulator,
data slicer and bit synchronizer is shown
in Figure 13. The built-in bit synchronizer
synchronizes the internal clock to the
incoming
data
and
performs
data
decoding. The data decision is done using
over-sampling and digital filtering of the
incoming
signal.
This
improves
the
reliability of the data transmission. Using
the synchronous modes simplifies the
data-decoding task substantially.
The
recommended
preamble
is
a
‘010101…’ bit pattern. The same bit
pattern should also be used in Manchester
mode, giving a ‘011001100110…‘chip’
pattern. This is necessary for the bit
synchronizer to synchronize to the coding
correctly.
The data slicer does the bit decision.
Ideally the two received FSK frequencies
are placed symmetrically around the IF
frequency. However, if there is some
frequency error between the transmitter
and the receiver, the bit decision level
should be adjusted accordingly. In
CC1020
this is done automatically by measuring
the two frequencies and use the average
value as the decision level.
The digital data slicer in
CC1020 uses an
average value of the minimum and
maximum frequency deviation detected as
the comparison level. The RXDEV_X[1:0]
and
RXDEV_M[3:0]
in
the
AFC_CONTROL register are used to set
the expected deviation of the incoming
signal. Once a shift in the received
frequency
larger
than
the
expected
deviation is detected, a bit transition is
recorded and the average value to be
used by the data slicer is calculated.
The minimum number of transitions
required to calculate a slicing level is 3.
That is, a 010 bit pattern (NRZ).
The actual number of bits used for the
averaging can be increased for better data
decision accuracy. This is controlled by
the
SETTLING[1:0]
bits
in
the
AFC_CONTROL register. If RX data is
present in the channel when the RX chain
is turned on, then the data slicing estimate
will usually give correct results after 3 bit
transitions. The data slicing accuracy will
increase after this, depending on the
SETTLING[1:0] bits. If the start of
transmission occurs after the RX chain
has turned on, the minimum number of bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com