Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 2Page - Texas Instruments CC1020-RTR1 Datasheet HTML 3Page - Texas Instruments CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
CC1020
SWRS046
Page 6 of 92
4.1.
RF Transmit Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Transmit data rate
0.45
153.6
kBaud
The data rate is programmable.
See section 10 on page 27 for
details.
NRZ or Manchester encoding can
be used. 153.6 kBaud equals
153.6 kbps using NRZ coding
and 76.8 kbps using Manchester
coding. See section 9.2 on page
25 for details
Minimum data rate for OOK is 2.4
kBaud
Binary FSK frequency separation
0
0
108
216
kHz
kHz
in 402 – 470 MHz range
in 804 – 940 MHz range
108/216 kHz is the maximum
guaranteed separation at 1.84
MHz reference frequency. Larger
separations can be achieved at
higher reference frequencies.
Output power
433 MHz
868 MHz
-20 to +10
-20 to +5
dBm
dBm
Delivered to 50
Ω single-ended
load. The output power is
programmable and should not be
programmed to exceed +10/+5
dBm at 433/868 MHz under any
operating conditions (refer to
CC1020 Errata Note 003). See
section 14 on page 46 for details.
Output power tolerance
-4
+3
dB
dB
At maximum output power
At 2.3 V, +85
oC
At 3.6 V, -40
oC
Harmonics, radiated CW
2
nd harmonic, 433 MHz, +10 dBm
3
rd harmonic, 433 MHz, +10 dBm
2
nd harmonic, 868 MHz, +5 dBm
3
rd harmonic, 868 MHz, +5 dBm
-50
-50
-50
-50
dBc
dBc
dBc
dBc
Harmonics are measured as
EIRP values according to EN 300
220. The antenna (SMAFF-433
and SMAFF-868 from R.W.
Badland) plays a part in
attenuating the harmonics.
Adjacent channel power (GFSK)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
-46
-52
-49
dBc
dBc
dBc
For 12.5 kHz channel spacing
ACP is measured in a ±4.25 kHz
bandwidth at ±12.5 kHz offset.
Modulation: 2.4 kBaud NRZ PN9
sequence, ±2.025 kHz frequency
deviation.
For 25 kHz channel spacing ACP
is measured in a ±8.5 kHz
bandwidth at ±25 kHz offset.
Modulation: 4.8 kBaud NRZ PN9
sequence, ±2.475 kHz frequency
deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com