Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
CC1020
SWRS046
Page 11 of 92
4.3.
RSSI / Carrier Sense Section
Parameter
Min
Typ
Max
Unit
Condition / Note
RSSI dynamic range
55
dB
12.5 and 25 kHz channel spacing
RSSI accuracy
± 3
dB
See section 12.5 on page 33 for
details.
RSSI linearity
± 1
dB
RSSI attach time
2.4 kBaud, 12.5 kHz channel spacing
4.8 kBaud, 25 kHz channel spacing
153.6 kBaud, 500 kHz channel spacing
3.8
1.9
140
ms
ms
µs
Shorter RSSI attach times can be
traded for lower RSSI accuracy.
See section 12.5 on page 33 for
details.
Shorter RSSI attach times can
also be traded for reduced
sensitivity and selectivity by
increasing the receiver channel
filter bandwidth.
Carrier sense programmable range
40
dB
Accuracy is as for RSSI
Adjacent channel carrier sense
12.5 kHz channel spacing
25 kHz channel spacing
-72
-72
dBm
dBm
At carrier sense level −110 dBm,
FM jammer (1 kHz sine, ±2.5 kHz
deviation) at adjacent channel.
Adjacent channel carrier sense is
measured by applying a signal on
the adjacent channel and observe
at which level carrier sense is
indicated.
Spurious carrier sense
-70
dBm
At carrier sense level −110 dBm,
100 MHz – 2 GHz. Adjacent
channel and image channel are
excluded.
Table 5. RSSI / Carrier sense parameters
4.4.
IF Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Intermediate frequency (IF)
307.2
kHz
See section 12.1 on page 30 for
details.
Digital channel filter bandwidth
9.6
to
307.2
kHz
The channel filter 6 dB bandwidth
is programmable from 9.6 kHz to
307.2 kHz. See section 12.2 on
page 30 for details.
AFC resolution
150
Hz
At 2.4 kBaud
Given as Baud rate/16. See
section 12.13 on page 41 for
details.
Table 6. IF section parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com