Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 61 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
CC1020
SWRS046
Page 61 of 92
This function should only be used in
receive mode and is enabled by setting
DCLK_CS = 1 in the INTERFACE register.
The DCLK signal is always logic high
unless carrier sense is indicated. When
carrier sense is indicated the DCLK starts
running. When gating the DCLK signal
with the carrier sense signal at least 2
dummy bits should be added after the data
payload in TX mode. The reason being
that the carrier sense signal is generated
earlier in the receive chain (i.e. before the
demodulator), causing it to be updated 2
bits before the corresponding data is
available on the DIO pin.
In transmit mode DCLK_CS must be set to
0. Refer to
CC1020 Errata Note 002.
22.
PA_EN and LNA_EN Digital Output Pins
22.1. Interfacing an External LNA or PA
CC1020 has two digital output pins, PA_EN
and LNA_EN, which can be used to
control an external LNA or PA. The
functionality of these pins are controlled
through the INTERFACE register. The
outputs can also be used as general digital
output control signals.
EXT_PA_POL and EXT_LNA_POL control
the active polarity of the signals.
EXT_PA
and
EXT_LNA
control
the
function of the pins. If EXT_PA = 1, then
the PA_EN pin will be activated when the
internal PA is turned on. Otherwise, the
EXT_PA_POL bit controls the PA_EN pin
directly. If EXT_LNA = 1, then the
LNA_EN pin will be activated when the
internal LNA is turned on. Otherwise, the
EXT_LNA_POL bit controls the LNA_EN
pin directly.
These two pins can therefore also be used
as two general control signals, see section
22.2. In the Chipcon reference design
LNA_EN and PA_EN are used to control
the external T/R switch.
22.2. General Purpose Output Control Pins
The two digital output pins, PA_EN and
LNA_EN, can be used as two general
control signals by setting EXT_PA = 0 and
EXT_LNA = 0. The output value is then
set directly by the value written to
EXT_PA_POL and EXT_LNA_POL.
The LOCK pin can also be used as a
general-purpose output pin. The LOCK pin
is controlled by LOCK_SELECT[3:0] in the
LOCK register. The LOCK pin is low when
LOCK_SELECT[3:0] = 0000, and high
when LOCK_SELECT[3:0] = 0001.
These features can be used to save I/O
pins on the microcontroller when the other
functions associated with these pins are
not used.
22.3. PA_EN and LNA_EN Pin Drive
Figure 35 shows the PA_EN and LNA_EN
pin drive currents. The sink and source
currents have opposite signs but absolute
values are used in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com