Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 5 Page - Texas Instruments

  CC1020-RTR1 Datasheet HTML 1Page - Texas Instruments CC1020-RTR1 Datasheet HTML 2Page - Texas Instruments CC1020-RTR1 Datasheet HTML 3Page - Texas Instruments CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
CC1020
SWRS046
Page 5 of 92
2.
Absolute Maximum Ratings
The absolute maximum ratings given Table 1 should under no circumstances be violated.
Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Parameter
Min
Max
Unit
Condition
Supply voltage, VDD
-0.3
5.0
V
All supply pins must have the
same voltage
Voltage on any pin
-0.3
VDD+0.3, max 5.0
V
Input RF level
10
dBm
Storage temperature range
-50
150
°C
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020C
1
Humidity non-condensing
5
85
%
ESD
(Human Body Model)
±1
±0.4
kV
kV
All pads except RF
RF Pads
Table 1. Absolute maximum ratings
1 The reflow peak soldering temperature (body temperature) is specified according to
IPC/JEDEC J-STD_020C “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid
State Surface Mount Devices”.
Caution!
ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
3.
Operating Conditions
The operating conditions for
CC1020 are listed in Table 2.
Parameter
Min
Typ
Max
Unit
Condition / Note
RF Frequency Range
402
804
470
940
MHz
MHz
Programmable in <300 Hz steps
Programmable in <600 Hz steps
Operating ambient temperature
range
-40
85
°C
Supply voltage
2.3
3.0
3.6
V
The same supply voltage should
be used for digital (DVDD) and
analog (AVDD) power.
A 3.0 ±0.1 V supply is
recommended to meet the ARIB
STD T-67 selectivity and output
power tolerance requirements.
Table 2. Operating conditions
4.
Electrical Specifications
Table 3 to Table 10 gives the
CC1020 electrical specifications. All measurements were
performed using the 2 layer PCB CC1020EMX reference design. This is the same test circuit
as shown in Figure 3. Temperature = 25
°C, supply voltage = AVDD = DVDD = 3.0 V if
nothing else stated. Crystal frequency = 14.7456 MHz.
The electrical specifications given for 868 MHz are also applicable for the 902 – 928 MHz
frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com