Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments CC1020-RTR1 Datasheet HTML 44Page - Texas Instruments CC1020-RTR1 Datasheet HTML 45Page - Texas Instruments CC1020-RTR1 Datasheet HTML 46Page - Texas Instruments CC1020-RTR1 Datasheet HTML 47Page - Texas Instruments CC1020-RTR1 Datasheet HTML 48Page - Texas Instruments CC1020-RTR1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
CC1020
SWRS046
Page 45 of 92
13.2. Output Power Programming
The RF output power from the device is
programmable by the 8-bit PA_POWER
register. Figure 23 and Figure 24 shows
the output power and total current
consumption
as
a
function
of
the
PA_POWER register setting. It is more
efficient in terms of current consumption to
use either the lower or upper 4-bits in the
register to control the power, as shown in
the figures. However, the output power
can be controlled in finer steps using all
the available bits in the PA_POWER
register.
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
01
23456
789 0A 0B 0C 0D 0E 0F 50 60 70 80 90 A0 B0 C0 D0 E0 F0 FF
PA_POWER [hex]
Current Consumption
Output Power
Figure 23. Typical output power and current consumption, 433 MHz
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
12345
6789 0A 0B 0C 0D 0E 0F 50 60 70 80 90 A0 B0 C0 D0 E0 F0 FF
PA_POWER [hex]
Current Consumption
Output Power
Figure 24. Typical output power and current consumption, 868 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com