Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 59 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
CC1020
SWRS046
Page 59 of 92
The initial tolerance, temperature drift,
aging and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
By
specifying
the
total
expected frequency accuracy in SmartRF®
Studio together with data rate and
frequency separation, the software will
estimate the total bandwidth and compare
to the available receiver channel filter
bandwidth. The software will report any
contradictions and a more accurate crystal
will be recommended if required.
C5
C4
XTAL
XOSC_Q1
XOSC_Q2
Figure 33. Crystal oscillator circuit
Item
CL= 12 pF
CL= 16 pF
CL= 22 pF
C4
6.8 pF
15 pF
27 pF
C5
6.8 pF
15 pF
27 pF
Table 28. Crystal oscillator component values
20.
Built-in Test Pattern Generator
The
CC1020 has a built-in test pattern
generator that generates a PN9 pseudo
random sequence. The PN9_ENABLE bit
in the MODEM register enables the PN9
generator. A transition on the DIO pin is
required after enabling the PN9 pseudo
random sequence.
The PN9 pseudo random sequence is
defined by the polynomial x
9 + x5 + 1.
The PN9 sequence is ‘XOR’ed with the
DIO signal in both TX and RX mode as
shown in Figure 34. Hence, by transmitting
only zeros (DIO = 0), the BER (Bit Error
Rate) can be tested by counting the
number of received ones. Note that the 9
first received bits should be discarded in
this case. Also note that one bit error will
generate 3 received ones.
Transmitting only ones (DIO = 1), the BER
can be tested by counting the number of
received zeroes.
The PN9 generator can also be used for
transmission of ‘real-life’ data when
measuring narrowband ACP (Adjacent
Channel Power), modulation bandwidth or
occupied bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com