Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 27 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 23Page - Texas Instruments CC1020-RTR1 Datasheet HTML 24Page - Texas Instruments CC1020-RTR1 Datasheet HTML 25Page - Texas Instruments CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
CC1020
SWRS046
Page 27 of 92
DCLK is not used in transmit mode, and is
used as data output in receive mode. It can be
set to default high or low in transmit mode.
FSK modulating signal,
internal in CC1020
Data provided by UART (TXD)
Transmitter side:
DCLK is used as data output
provided by CC1020.
Connect to UART (RXD)
Demodulated signal (NRZ),
internal in CC1020
DIO is not used in receive mode. Used only
as data input in transmit mode
DCLK
DIO
“RF”
“RF”
DCLK
DIO
Receiver side:
DCLK is not used in transmit mode, and is
used as data output in receive mode. It can be
set to default high or low in transmit mode.
FSK modulating signal,
internal in CC1020
Data provided by UART (TXD)
Transmitter side:
DCLK is used as data output
provided by CC1020.
Connect to UART (RXD)
Demodulated signal (NRZ),
internal in CC1020
DIO is not used in receive mode. Used only
as data input in transmit mode
DCLK
DIO
“RF”
“RF”
DCLK
DIO
Receiver side:
Figure 11. Transparent Asynchronous UART mode (SEP_DI_DO = 1)
Time
1
0 1 1 0 0 0 1 1 0 1
Tx
data
Time
1
0 1 1 0 0 0 1 1 0 1
Tx
data
Figure 12. Manchester encoding
10.
Data Rate Programming
The data rate (baud rate) is programmable
and depends on the crystal frequency and
the
programming
of
the
CLOCK
(CLOCK_A and CLOCK_B) registers.
The baud rate (B.R) is given by
2
1
)
1
_
(
8
.
.
DIV
DIV
DIV
REF
f
R
B
xosc
⋅
⋅
+
⋅
=
where DIV1 and DIV2 are given by the
value of MCLK_DIV1 and MCLK_DIV2.
Table 17 shows some possible data rates
as a function of crystal frequency in
synchronous
mode.
In
asynchronous
transparent UART mode any data rate up
to 153.6 kBaud can be used.
MCLK_DIV2[1:0]
DIV2
00
1
01
2
10
4
11
8
Table 15. DIV2 for different settings of
MCLK_DIV2
MCLK_DIV1[2:0]
DIV1
000
2.5
001
3
010
4
011
7.5
100
12.5
101
40
110
48
111
64
Table 16. DIV1 for different settings of
MCLK_DIV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com