Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 57 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 53Page - Texas Instruments CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
CC1020
SWRS046
Page 57 of 92
18.
On-Off Keying (OOK)
The data modulator can also provide OOK
(On-Off Keying) modulation. OOK is an
ASK (Amplitude Shift Keying) modulation
using 100% modulation depth. OOK
modulation is enabled in RX and in TX by
setting TXDEV_M[3:0] = 0000 in the
DEVIATION
register.
An
OOK
eye
diagram is shown in Figure 32.
The data demodulator can also perform
OOK demodulation. The demodulation is
done by comparing the signal level with
the “carrier sense” level (programmed as
CS_LEVEL in the VGA4 register). The
signal is then decimated and filtered in the
data
filter.
Data
decision
and
bit
synchronization are as for FSK reception.
In this mode AGC_AVG in the VGA2
register must be set to 3. The channel
bandwidth must be 4 times the Baud rate
for data rates up to 9.6 kBaud. For the
highest data rates the channel bandwidth
must be 2 times the Baud rate (see Table
27). Manchester coding must always be
used for OOK.
Note that the automatic frequency control
(AFC) cannot be used when receiving
OOK, as it requires a frequency shift.
The AGC has a certain time-constant
determined
by
FILTER_CLK,
which
depends on the IF filter bandwidth. There
is a lower limit on FILTER_CLK and hence
the AGC time constant. For very low data
rates the minimum time constant is too
fast and the AGC will increase the gain
when a “0” is received and decrease the
gain when a “1” is received. For this
reason the minimum data rate in OOK is
2.4 kBaud.
Typical figures for the receiver sensitivity
(BER = 10
−3) are shown in Table 27 for
OOK.
Figure 32. OOK eye diagram. 9.6 kBaud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com