Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 79 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments CC1020-RTR1 Datasheet HTML 81Page - Texas Instruments CC1020-RTR1 Datasheet HTML 82Page - Texas Instruments CC1020-RTR1 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
CC1020
SWRS046
Page 79 of 92
ANALOG Register (17h)
REGISTER
NAME
Default
value
Active
Description
ANALOG[7]
BANDSELECT
1
-
Frequency band selection
0: 402-470 MHz band
1: 804-940 MHz band
ANALOG[6]
LO_DC
1
-
Lower LO DC level to mixers
0: High LO DC level to mixers
1: Low LO DC level to mixers
Recommended settings:
LO_DC=1 for 402-470 MHz,
LO_DC=0 for 804-940 MHz.
ANALOG[5]
VGA_BLANKING
1
H
Enable analog blanking switches in VGA when
changing VGA gain.
0: Blanking switches are disabled
1: Blanking switches are turned on for approx.
0.8µs when gain is changed (always on if
AGC_DISABLE=1)
Recommended setting: VGA_BLANKING=0.
ANALOG[4]
PD_LONG
0
H
Selects short or long reset delay in phase
detector
0: Short reset delay
1: Long reset delay
Recommended setting: PD_LONG=0.
ANALOG[3]
-
0
-
Reserved, write 0
ANALOG[2]
PA_BOOST
0
H
Boost PA bias current for higher output power
Recommended setting: PA_BOOST=1.
ANALOG[1:0]
DIV_BUFF_CURRENT[1:0]
3
-
Overall bias current adjustment for VCO divider
and buffers
0: 4/6 of nominal VCO divider and buffer current
1: 4/5 of nominal VCO divider and buffer current
2: Nominal VCO divider and buffer current
3: 4/3 of nominal VCO divider and buffer current
Recommended setting:
DIV_BUFF_CURRENT=3
BUFF_SWING Register (18h)
REGISTER
NAME
Default
value
Active
Description
BUFF_SWING[7:6]
PRE_SWING[1:0]
3
-
Prescaler swing.
0: 2/3 of nominal swing
1: 1/2 of nominal swing
2: 4/3 of nominal swing
3: Nominal swing
Recommended setting: PRE_SWING=0.
BUFF_SWING[5:3]
RX_SWING[2:0]
4
-
LO buffer swing, in RX (to mixers)
0: Smallest load resistance (smallest swing)
…
7: Largest load resistance (largest swing)
Recommended setting: RX_SWING=2.
BUFF_SWING[2:0]
TX_SWING[2:0]
1
-
LO buffer swing, in TX (to power amplifier driver)
0: Smallest load resistance (smallest swing)
…
7: Largest load resistance (largest swing)
Recommended settings:
TX_SWING=4 for 402-470 MHz,
TX_SWING=0 for 804-940 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com