Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 71 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
CC1020
SWRS046
Page 71 of 92
CLOCK_B Register (0Bh)
REGISTER
NAME
Default
value
Active
Description
CLOCK_B[7:5]
REF_DIV_B[2:0]
2
-
Reference frequency divisor (B):
0: Not supported
1: REF_CLK frequency = Crystal frequency / 2
…
7: REF_CLK frequency = Crystal frequency / 8
CLOCK_B[4:2]
MCLK_DIV1_B[2:0]
4
-
Modem clock divider 1 (B):
0: Divide by 2.5
1: Divide by 3
2: Divide by 4
3: Divide by 7.5 (2.5·3)
4: Divide by 12.5 (2.5·5)
5: Divide by 40 (2.5·16)
6: Divide by 48 (3·16)
7: Divide by 64 (4·16)
CLOCK_B[1:0]
MCLK_DIV2_B[1:0]
0
-
Modem clock divider 2 (B):
0: Divide by 1
1: Divide by 2
2: Divide by 4
3: Divide by 8
MODEM_CLK frequency is FREF frequency divided by
the product of divider 1 and divider 2.
Baud rate is MODEM_CLK frequency divided by 8.
VCO Register (0Ch)
REGISTER
NAME
Default
value
Active
Description
VCO[7 :4]
VCO_CURRENT_A[3:0]
8
-
Control of current in VCO core for frequency A
0 : 1.4 mA current in VCO core
1 : 1.8 mA current in VCO core
2 : 2.1 mA current in VCO core
3 : 2.5 mA current in VCO core
4 : 2.8 mA current in VCO core
5 : 3.2 mA current in VCO core
6 : 3.5 mA current in VCO core
7 : 3.9 mA current in VCO core
8 : 4.2 mA current in VCO core
9 : 4.6 mA current in VCO core
10 : 4.9 mA current in VCO core
11 : 5.3 mA current in VCO core
12 : 5.6 mA current in VCO core
13 : 6.0 mA current in VCO core
14 : 6.4 mA current in VCO core
15 : 6.7 mA current in VCO core
Recommended setting: VCO_CURRENT_A=4
VCO[3:0]
VCO_CURRENT_B[3:0]
8
-
Control of current in VCO core for frequency B
The current steps are the same as for
VCO_CURRENT_A
Recommended setting: VCO_CURRENT_B=4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com