Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 58 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
CC1020
SWRS046
Page 58 of 92
Sensitivity [dBm]
Data rate
[kBaud]
Filter BW
[kHz]
433 MHz
Manchester mode
868 MHz
Manchester mode
2.4
9.6
-116
4.8
19.2
-113
-107
9.6
38.4
-103
-104
19.2
51.2
-102
-101
38.4
102.4
-95
-97
76.8
153.6
-92
-94
153.6
307.2
-81
-87
Table 27. Typical receiver sensitivity as a function of data rate at 433 and 868 MHz, OOK
modulation, BER = 10
−3, pseudo-random data (PN9 sequence)
19.
Crystal Oscillator
The recommended crystal frequency is
14.7456 MHz, but any crystal frequency in
the range 4 – 20 MHz can be used. Using
a crystal frequency different from 14.7456
MHz might in some applications give
degraded
performance.
Refer
to
Application
Note
AN022
Crystal
Frequency Selection for more details on
the use of other crystal frequencies than
14.7456 MHz. The crystal frequency is
used as reference for the data rate (as
well as other internal functions) and in the
4 – 20 MHz range the frequencies 4.9152,
7.3728,
9.8304,
12.2880,
14.7456,
17.2032, 19.6608 MHz will give accurate
data rates as shown in Table 17 and an IF
frequency of 307.2 kHz. The crystal
frequency will influence the programming
of the CLOCK_A, CLOCK_B and MODEM
registers.
An external clock signal or the internal
crystal oscillator can be used as main
frequency reference. An external clock
signal should be connected to XOSC_Q1,
while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the INTERFACE
register should be set to ‘1’ when an
external digital rail-to-rail clock signal is
used. No DC block should be used then. A
sine with smaller amplitude can also be
used. A DC blocking capacitor must then
be used (10 nF) and the XOSC_BYPASS
bit in the INTERFACE register should be
set to ‘0’. For input signal amplitude, see
section 4.5 on page 12.
Using the internal crystal oscillator, the
crystal must be connected between the
XOSC_Q1 and XOSC_Q2 pins. The
oscillator is designed for parallel mode
operation of the crystal. In addition,
loading capacitors (C4 and C5) for the
crystal are required. The loading capacitor
values
depend
on
the
total
load
capacitance, CL, specified for the crystal.
The total load capacitance seen between
the crystal terminals should equal CL for
the crystal to oscillate at the specified
frequency.
parasitic
L
C
C
C
C
+
+
=
5
4
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance. Total parasitic capacitance is
typically 8 pF. A trimming capacitor may
be placed across C5 for initial tuning if
necessary.
The crystal oscillator circuit is shown in
Figure 33. Typical component values for
different values of CL are given in Table
28.
The
crystal
oscillator
is
amplitude
regulated. This means that a high current
is required to initiate the oscillations. When
the amplitude builds up, the current is
reduced to what is necessary to maintain
approximately 600 mVpp amplitude. This
ensures a fast start-up, keeps the drive
level to a minimum and makes the
oscillator insensitive to ESR variations. As
long
as
the
recommended
load
capacitance values are used, the ESR is
not critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com