Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 69 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
CC1020
SWRS046
Page 69 of 92
SEQUENCING Register (03h)
REGISTER
NAME
Default
value
Active
Description
SEQUENCING[7]
SEQ_PSEL
1
H
Use PSEL pin to start sequencing
0: PSEL pin does not start sequencing. Negative
transitions on DIO starts power-up sequencing if
SEP_DI_DO=1.
1: Negative transitions on the PSEL pin will start power-
up sequencing
SEQUENCING[6:4]
RX_WAIT[2:0]
0
-
Waiting time from PLL enters lock until RX power-up
0: Wait for approx. 32 ADC_CLK periods (26 µs)
1: Wait for approx. 44 ADC_CLK periods (36 µs)
2: Wait for approx. 64 ADC_CLK periods (52 µs)
3: Wait for approx. 88 ADC_CLK periods (72 µs)
4: Wait for approx. 128 ADC_CLK periods (104 µs)
5: Wait for approx. 176 ADC_CLK periods (143 µs)
6: Wait for approx. 256 ADC_CLK periods (208 µs)
7: No additional waiting time before RX power-up
SEQUENCING[3:0]
CS_WAIT[3:0]
10
-
Waiting time for carrier sense from RX power-up
0: Wait 20 FILTER_CLK periods before power down
1: Wait 22 FILTER_CLK periods before power down
2: Wait 24 FILTER_CLK periods before power down
3: Wait 26 FILTER_CLK periods before power down
4: Wait 28 FILTER_CLK periods before power down
5: Wait 30 FILTER_CLK periods before power down
6: Wait 32 FILTER_CLK periods before power down
7: Wait 36 FILTER_CLK periods before power down
8: Wait 40 FILTER_CLK periods before power down
9: Wait 44 FILTER_CLK periods before power down
10: Wait 48 FILTER_CLK periods before power down
11: Wait 52 FILTER_CLK periods before power down
12: Wait 56 FILTER_CLK periods before power down
13: Wait 60 FILTER_CLK periods before power down
14: Wait 64 FILTER_CLK periods before power down
15: Wait 72 FILTER_CLK periods before power down
FREQ_2A Register (04h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2A[7:0]
FREQ_A[22:15]
131
-
8 MSB of frequency control word A
FREQ_1A Register (05h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1A[7:0]
FREQ_A[14:7]
177
-
Bit 15 to 8 of frequency control word A
FREQ_0A Register (06h)
REGISTER
NAME
Default
value
Active
Description
FREQ_0A[7:1]
FREQ_A[6:0]
124
-
7 LSB of frequency control word A
FREQ_0A[0]
DITHER_A
1
H
Enable dithering for frequency A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com