Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
CC1020
SWRS046
Page 72 of 92
MODEM Register (0Dh)
REGISTER
NAME
Default
value
Active
Description
MODEM[7]
-
0
-
Reserved, write 0
MODEM[6:4]
ADC_DIV[2:0]
3
-
ADC clock divisor
0: Not supported
1: ADC frequency = XOSC frequency / 4
2: ADC frequency = XOSC frequency / 6
3: ADC frequency = XOSC frequency / 8
4: ADC frequency = XOSC frequency / 10
5: ADC frequency = XOSC frequency / 12
6: ADC frequency = XOSC frequency / 14
7: ADC frequency = XOSC frequency / 16
Note that the intermediate frequency should be as close
to 307.2 kHz as possible. ADC clock frequency is always
4 times the intermediate frequency and should therefore
be as close to 1.2288 MHz as possible.
MODEM[3]
-
0
-
Reserved, write 0
MODEM[2]
PN9_ENABLE
0
H
Enable scrambling of TX and RX with PN9 pseudo-
random bit sequence
0: PN9 scrambling is disabled
1: PN9 scrambling is enabled (x
9+x5+1)
The PN9 pseudo-random bit sequence can be used for
BER testing by only transmitting zeros, and then
counting the number of received ones.
MODEM[1:0]
DATA_FORMAT[1:0]
0
-
Modem data format
0 (00): NRZ operation
1 (01): Manchester operation
2 (10): Transparent asynchronous UART operation, set
DCLK=0
3 (11): Transparent asynchronous UART operation, set
DCLK=1
DEVIATION Register (0Eh)
REGISTER
NAME
Default
value
Active
Description
DEVIATION[7]
TX_SHAPING
1
H
Enable Gaussian shaping of transmitted data
Recommended setting: TX_SHAPING=1
DEVIATION[6 :4]
TXDEV_X[2 :0]
6
-
Transmit frequency deviation exponent
DEVIATION [3 :0]
TXDEV_M[3 :0]
8
-
Transmit frequency deviation mantissa
Deviation in 402-470 MHz band:
FREF ·TXDEV_M ·2
(TXDEV_X−16)
Deviation in 804-940 MHz band:
FREF ·TXDEV_M ·2
(TXDEV_X−15)
On-off-keying (OOK) is used in RX/TX if TXDEV_M[3:0]=0
To find TXDEV_M given the deviation and TXDEV_X:
TXDEV_M = deviation·2
(16−TXDEV_X)/FREF
in 402-470 MHz band,
TXDEV_M = deviation·2
(15−TXDEV_X)/FREF
in 804-940 MHz band.
Decrease TXDEV_X and try again if TXDEV_M
< 8.
Increase TXDEV_X and try again if TXDEV_M
≥ 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com