Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments CC1020-RTR1 Datasheet HTML 44Page - Texas Instruments CC1020-RTR1 Datasheet HTML 45Page - Texas Instruments CC1020-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
CC1020
SWRS046
Page 42 of 92
offset. The new frequency must be
calculated and written to the FREQ
register by the microcontroller. The AFC
can be used for an FSK/GFSK signal, but
not for OOK. Application Note AN029
CC1020/1021 AFC provides the procedure
and equations necessary to implement
AFC.
The AFC feature reduces the crystal
accuracy requirement.
12.14. Digital FM
It
is
possible
to
read
back
the
instantaneous IF from the FM demodulator
as a frequency offset from the nominal IF
frequency. This digital value can be used
to
perform
a
pseudo
analog
FM
demodulation.
The frequency offset can be read from the
GAUSS_FILTER register and is a signed
8-bit value coded as 2-complement.
The instantaneous deviation is given by:
F = GAUSS_FILTER·Baud rate / 8
The digital value should be read from the
register and sent to a DAC and filtered in
order to get an analog audio signal. The
internal register value is updated at the
MODEM_CLK
rate.
MODEM_CLK
is
available
at
the
LOCK
pin
when
LOCK_SELECT[3:0] = 1101 in the LOCK
register, and can be used to synchronize
the reading.
For audio (300 – 4000 Hz) the sampling
rate should be higher than or equal to 8
kHz (Nyquist) and is determined by the
MODEM_CLK. The MODEM_CLK, which
is the sampling rate, equals 8 times the
baud rate. That is, the minimum baud rate,
which can be programmed, is 1 kBaud.
However, the incoming data will be filtered
in the digital domain and the 3-dB cut-off
frequency is 0.6 times the programmed
Baud rate. Thus, for audio the minimum
programmed
Baud
rate
should
be
approximately 7.2 kBaud.
The
GAUSS_FILTER
resolution
decreases with increasing baud rate. A
accumulate and dump filter can be
implemented in the uC to improve the
resolution.
Note
that
each
GAUSS_FILTER
reading
should
be
synchronized to the MODEM_CLK. As an
example, accumulating 4 readings and
dividing the total by 4 will improve the
resolution by 2 bits.
Furthermore,
to
fully
utilize
the
GAUSS_FILTER
dynamic
range
the
frequency deviation must be 16 times the
programmed baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com