Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 87 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 87 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 83Page - Texas Instruments CC1020-RTR1 Datasheet HTML 84Page - Texas Instruments CC1020-RTR1 Datasheet HTML 85Page - Texas Instruments CC1020-RTR1 Datasheet HTML 86Page - Texas Instruments CC1020-RTR1 Datasheet HTML 87Page - Texas Instruments CC1020-RTR1 Datasheet HTML 88Page - Texas Instruments CC1020-RTR1 Datasheet HTML 89Page - Texas Instruments CC1020-RTR1 Datasheet HTML 90Page - Texas Instruments CC1020-RTR1 Datasheet HTML 91Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
CC1020
SWRS046
Page 87 of 92
Quad Flat Pack – No Lead Package (QFN)
D
E
A
A1
e
b
L
D1
E1
P
QFN 32
Min
Max
7.0
7.0
0.8
0.9
1.0
0.203
0.65
0.25
0.30
0.35
0.45
0.55
0.65
4.18
4.28
4.38
4.18
4.28
4.38
45
°
All dimensions in mm. Angles are in degrees.
Package is compliant with JEDEC: MO-220.
Note: Do not place a via underneath
CC1020 at “pin #1 corner” as this pin is internally
connected to the exposed die attached pad, which is the main ground connection for the chip.
27.1. Package Marking
When contacting technical support with a chip-related question, please state the entire
marking information, not just the date code.
Standard leaded
0315123
0315 is the date code (year 03, week 15)
123 is the lot code
RoHS compliant Pb-free
A440123
440 is the date code (year 4, week 40)
123 is the lot code
A means RoHS compliant Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com