Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
CC1020
SWRS046
Page 65 of 92
25.
Antenna Considerations
CC1020 can be used together with various
types of antennas. The most common
antennas for short-range communication
are monopole, helical and loop antennas.
Monopole
antennas
are
resonant
antennas with a length corresponding to
one quarter of the electrical wavelength
(
λ/4). They are very easy to design and
can be implemented simply as a “piece of
wire” or even integrated onto the PCB.
Non-resonant monopole antennas shorter
than
λ/4 can also be used, but at the
expense of range. In size and cost critical
applications such an antenna may very
well be integrated onto the PCB.
Helical antennas can be thought of as a
combination of a monopole and a loop
antenna. They are a good compromise in
size critical applications. But helical
antennas tend to be more difficult to
optimize than the simple monopole.
Loop antennas are easy to integrate into
the PCB, but are less effective due to
difficult impedance matching because of
their very low radiation resistance.
For low power applications the
λ/4-
monopole antenna is recommended due
to its simplicity as well as providing the
best range.
The length of the
λ/4-monopole antenna is
given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 868 MHz should be 8.2
cm, and 16.4 cm for 433 MHz.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the input pin the
antenna should be matched to the feeding
transmission line (50
Ω).
For a more thorough background on
antennas, please refer to Application Note
AN003 SRD Antennas available from the
Chipcon web site.
26.
Configuration Registers
The configuration of
CC1020 is done by
programming
the
8-bit
configuration
registers. The configuration data based on
selected system parameters are most
easily found by using the SmartRF® Studio
software. Complete descriptions of the
registers are given in the following tables.
After a RESET is programmed, all the
registers have default values. The TEST
registers also get default values after a
RESET, and should not be altered by the
user.
Chipcon recommends using the register
settings found using the SmartRF® Studio
software. These are the register settings
that
Chipcon
can
guarantee
across
temperature, voltage and process. Please
check the Chipcon web site for regularly
updates to the SmartRF® Studio software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com