Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments CC1020-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
CC1020
SWRS046
Page 40 of 92
CS_LEVEL[4:0]
must
be
changed
accordingly to maintain the same absolute
carrier sense threshold. See Figure 18 for
an explanation of the relationship between
RSSI, AGC and carrier sense settings.
The carrier sense signal can be read as
the CARRIER_SENSE bit in the STATUS
register.
The carrier sense signal can also be made
available at the LOCK pin by setting
LOCK_SELECT[3:0] = 0100 in the LOCK
register.
12.12. Automatic Power-up Sequencing
CC1020 has a built-in automatic power-up
sequencing state machine. By setting the
CC1020 into this mode, the receiver can be
powered-up automatically by a wake-up
signal and will then check for a carrier
signal (carrier sense). If carrier sense is
not detected, it returns to power-down
mode. A flow chart for automatic power-up
sequencing is shown in Figure 19.
The automatic power-up sequencing mode
is selected when PD_MODE[1:0] = 11 in
the MAIN register. When the automatic
power-up sequencing mode is selected,
the functionality of the MAIN register is
changed
and
used
to
control
the
sequencing.
By setting SEQ_PD = 1 in the MAIN
register,
CC1020 is set in power down
mode.
If
SEQ_PSEL
=
1
in
the
SEQUENCING register the automatic
power-up sequence is initiated by a
negative transition on the PSEL pin.
If SEQ_PSEL = 0 in the SEQUENCING
register, then the automatic power-up
sequence is initiated by a negative
transition on the DIO pin (as long as
SEP_DI_DO = 1 in the INTERFACE
register).
Sequence timing is controlled through
RX_WAIT[2:0] and CS_WAIT[3:0] in the
SEQUENCING register.
VCO and PLL calibration can also be done
automatically as a part of the sequence.
This is controlled through SEQ_CAL[1:0]
in the MAIN register. Calibration can be
done every time, every 16
th sequence,
every 256
th sequence, or never. See the
register
description
for
details.
A
description of when to do, and how the
VCO and PLL self-calibration is done, is
given in section 15.2 on page 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com