Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 62 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
CC1020
SWRS046
Page 62 of 92
0
200
400
600
800
1000
1200
1400
Voltage on PA_EN/LNA_EN pin [V]
source current, 3 V
sink current, 3V
source current, 2.3 V
sink current, 2.3 V
source current, 3.6 V
sink current, 3.6 V
Figure 35. Typical PA_EN and LNA_EN pin drive
23.
System Considerations and Guidelines
SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for license free operation are allowed to
operate in the 433 and 868 – 870 MHz
bands in most European countries. In the
United States, such devices operate in the
260 – 470 and 902 – 928 MHz bands. A
summary of the most important aspects of
these
regulations can be
found in
Application Note AN001 SRD regulations
for license free transceiver operation,
available from the Chipcon web site.
Narrowband systems
CC1020 is specifically designed for
narrowband systems complying with ARIB
STD T-67 and EN 300 220. The
CC1020
meets the strict requirements to ACP
(Adjacent Channel Power) and occupied
bandwidth for a narrowband transmitter.
To meet the ARIB STD T-67 requirements
a 3.0 V regulated voltage supply should be
used.
For the receiver side,
CC1020 gives very
good ACR (Adjacent Channel Rejection),
image frequency suppression and blocking
properties for channel spacings down to
12.5 kHz.
Such narrowband performance normally
requires the use of external ceramic filters.
The
CC1020 provides this performance as
a true single-chip solution with integrated
IF filters.
Japan and Korea have allocated several
frequency bands at 424, 426, 429, 447,
449 and 469 MHz for narrowband license
free operation.
CC1020 is designed to
meet the requirements for operation in all
these
bands,
including
the
strict
requirements for narrowband operation
down to 12.5 kHz channel spacing.
Due to on-chip complex filtering, the image
frequency
is
removed.
An
on-chip
calibration circuit is used to get the best
possible image rejection. A narrowband
preselector filter is not necessary to
achieve image rejection.
A unique feature in
CC1020 is the very fine
frequency resolution. This can be used for
temperature compensation of the crystal if
the temperature drift curve is known and a
temperature sensor is included in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com