Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
CC1020
SWRS046
Page 9 of 92
Parameter
Min
Typ
Max
Unit
Condition / Note
Co-channel rejection, FSK and OOK
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
-11
-11
-11
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level, FM jammer (1
kHz sine, ± 2.5 kHz deviation) at
operating frequency,
BER = 10
−3
Adjacent channel rejection (ACR)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
32
37
32
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level, FM jammer (1
kHz sine, ± 2.5 kHz deviation) at
adjacent channel. BER = 10
−3
Image channel rejection
433/868 MHz
No I/Q gain and phase calibration
I/Q gain and phase calibrated
26/31
49/52
dB
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at
image frequency. BER = 10
−3.
Image rejection after calibration
will depend on temperature and
supply voltage. Refer to section
12.6 on page 35.
Selectivity*
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
(*Close-in spurious response
rejection)
41
41
39
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level. CW jammer is
swept in 12.5 kHz/25 kHz steps
to within ± 1 MHz from wanted
channel. BER = 10
−3. Adjacent
channel and image channel are
excluded.
Blocking / Desensitization*
433/868 MHz
± 1 MHz
± 2 MHz
± 5 MHz
± 10 MHz
(*Out-of-band spurious response
rejection)
50/57
64/71
64/71
75/78
dB
dB
dB
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at ±
1, 2, 5 and 10 MHz offset.
BER = 10
−3. 12.5 kHz/25 kHz
channel spacing at 433/868 MHz.
Complying with EN 300 220,
class 2 receiver requirements.
Image frequency suppression,
433/868 MHz
No I/Q gain and phase calibration
I/Q gain and phase calibrated
36/41
59/62
dB
dB
Ratio between sensitivity for a
signal at the image frequency to
the sensitivity in the wanted
channel. Image frequency is RF−
2 IF. The signal source is a 2.4
kBaud, Manchester coded data,
±2.025 kHz frequency deviation,
signal level for BER = 10
−3
Spurious reception
40
dB
Ratio between sensitivity for an
unwanted frequency to the
sensitivity in the wanted channel.
The signal source is a 2.4 kBaud,
Manchester coded data, ±2.025
kHz frequency deviation, swept
over all frequencies 100 MHz – 2
GHz. Signal level for BER = 10
−3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com