Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
CC1020
SWRS046
Page 8 of 92
4.2.
RF Receive Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Receiver Sensitivity, 433 MHz, FSK
12.5 kHz channel spacing, optimized
selectivity, ±2.025 kHz freq. deviation
12.5 kHz channel spacing, optimized
sensitivity, ±2.025 kHz freq. deviation
25 kHz channel spacing
500 kHz channel spacing
Receiver Sensitivity, 868 MHz, FSK
12.5 kHz channel spacing, ±2.475
kHz freq. deviation
25 kHz channel spacing
500 kHz channel spacing
-114
-118
-112
-96
-116
-111
-94
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10
−3
12.5 kHz channel spacing:
2.4 kBaud, Manchester coded
data.
25 kHz channel spacing:
4.8 kBaud, NRZ coded data,
±2.475 kHz frequency deviation.
500 kHz channel spacing:
153.6 kBaud, NRZ coded data,
±72 kHz frequency deviation.
See Table 19 and Table 20 for
typical sensitivity figures at other
data rates.
Receiver sensitivity, 433 MHz, OOK
2.4 kBaud
153.6 kBaud
Receiver sensitivity, 868 MHz, OOK
4.8 kBaud
153.6 kBaud
-116
-81
-107
-87
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10
−3
Manchester coded data.
See Table 27 for typical
sensitivity figures at other data
rates.
Saturation (maximum input level)
FSK and OOK
10
dBm
FSK: Manchester/NRZ coded
data
OOK: Manchester coded data
BER = 10
−3
System noise bandwidth
9.6
to
307.2
kHz
The receiver channel filter 6 dB
bandwidth is programmable from
9.6 kHz to 307.2 kHz. See
section 12.2 on page 30 for
details.
Noise figure, cascaded
433 and 868 MHz
7
dB
NRZ coded data
Input IP3
433 MHz, 12.5 kHz channel spacing
868 MHz, 25 kHz channel spacing
-23
-18
-16
-18
-15
-13
dBm
dBm
dBm
dBm
dBm
dBm
Two tone test (+10 MHz and +20
MHz)
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com