Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
CC1020
SWRS046
Page 32 of 92
transitions (or preamble bits) before
correct data slicing will depend on the
SETTLING[1:0] bits.
The automatic data slicer average value
function can be disabled by setting
SETTLING[1:0] = 00. In this case a
symmetrical
signal
around
the
IF
frequency is assumed.
The internally calculated average FSK
frequency value gives a measure for the
frequency offset of the receiver compared
to the transmitter. This information can
also be used for an automatic frequency
control (AFC) as described in section
12.13.
Digital filtering
Average
filter
Data
filter
Decimator
Frequency
detector
Data slicer
comparator
Bit
synchronizer
and data
decoder
Figure 13. Demodulator block diagram
12.4. Receiver Sensitivity versus Data Rate and Frequency Separation
The receiver sensitivity depends on the
channel filter bandwidth, data rate, data
format, FSK frequency separation and the
RF frequency. Typical figures for the
receiver sensitivity (BER = 10
−3) are
shown in Table 19 and Table 20 for FSK.
For best performance, the frequency
deviation should be at least half the baud
rate in FSK mode.
The sensitivity is measured using the
matching network shown in the application
circuit in Figure 3, which includes an
external T/R switch.
Refer
to
Application
Note
AN029
CC1020/1021 AFC for plots of sensitivity
versus frequency offset.
Sensitivity [dBm]
Data rate
[kBaud]
Channel spacing
[kHz]
Deviation
[kHz]
Filter BW
[kHz]
NRZ
mode
Manchester
mode
UART
mode
2.4 optimized sensitivity
12.5
± 2.025
9.6
-115
-118
-115
2.4 optimized selectivity
12.5
± 2.025
12.288
-112
-114
-112
4.8
25
± 2.475
19.2
-112
-112
-112
9.6
50
± 4.95
25.6
-110
-111
-110
19.2
100
± 9.9
51.2
-107
-108
-107
38.4
150
± 19.8
102.4
-104
-104
-104
76.8
200
± 36.0
153.6
-101
-101
-101
153.6
500
± 72.0
307.2
-96
-97
-96
Table 19. Typical receiver sensitivity as a function of data rate at 433 MHz, FSK
modulation, BER = 10
−3, pseudo-random data (PN9 sequence)
Note: “Optimized selectivity” in Table 19 is relevant for systems targeting compliance with
ARIB STD T-67, 12.5 kHz channel spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com