Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 19 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments CC1020-RTR1 Datasheet HTML 18Page - Texas Instruments CC1020-RTR1 Datasheet HTML 19Page - Texas Instruments CC1020-RTR1 Datasheet HTML 20Page - Texas Instruments CC1020-RTR1 Datasheet HTML 21Page - Texas Instruments CC1020-RTR1 Datasheet HTML 22Page - Texas Instruments CC1020-RTR1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
CC1020
SWRS046
Page 19 of 92
1
PCLK
PDI
PDO
DGND
DGND
DCLK
DIO
DVDD
2
3
4
6
5
7
8
CC1020
24
VC
AVDD
AVDD
RF_OUT
RF_IN
AVDD
R_BIAS
AVDD
23
22
21
19
20
18
17
C5
C4
XTAL
LC Filter
Monopole
antenna
(50 Ohm)
L2
C3
AVDD=3V
L1
C1
R1
AVDD=3V
AVDD=3V
DVDD=3V
DVDD=3V
AVDD=3V
C7
R3
C8
C6
R2
AVDD=3V
T/R Switch
C60
R10
1
PCLK
PDI
PDO
DGND
DGND
DCLK
DIO
DVDD
2
3
4
6
5
7
8
CC1020
24
VC
AVDD
AVDD
RF_OUT
RF_IN
AVDD
R_BIAS
AVDD
23
22
21
19
20
18
17
C5
C5
C4
C4
XTAL
XTAL
LC Filter
LC Filter
Monopole
antenna
(50 Ohm)
L2
C3
AVDD=3V
L1
C1
R1
AVDD=3V
AVDD=3V
DVDD=3V
DVDD=3V
AVDD=3V
C7
R3
C8
C6
R2
AVDD=3V
T/R Switch
C60
R10
Figure 3. Typical application and test circuit (power supply decoupling not shown)
Item
433 MHz
868 MHz
915 MHz
C1
10 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
C3
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C4
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
C5
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
C6
220 nF, 10%, X7R, 0603
100 nF, 10%, X7R, 0603
100 nF, 10%, X7R, 0603
C7
8.2 nF, 10%, X7R, 0402
3.9 nF, 10%, X7R, 0402
3.9 nF, 10%, X7R, 0402
C8
2.2 nF, 10%, X7R, 0402
1.0 nF, 10%, X7R, 0402
1.0 nF, 10%, X7R, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
L1
33 nH, 5%, 0402
82 nH, 5%, 0402
82 nH, 5%, 0402
L2
22 nH, 5%, 0402
3.6 nH, 5%, 0402
3.6 nH, 5%, 0402
R1
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
R2
1.5 k
Ω, 5%, 0402
2.2 k
Ω, 5%, 0402
2.2 k
Ω, 5%, 0402
R3
4.7 k
Ω, 5%, 0402
6.8 k
Ω, 5%, 0402
6.8 k
Ω, 5%, 0402
R10
82
Ω, 5%, 0402
82
Ω, 5%, 0402
82
Ω, 5%, 0402
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
Note:
Items shaded vary for different frequencies. For 433 MHz, 12.5 kHz channel, a loop filter with
lower bandwidth is used to improve adjacent and alternate channel rejection.
Table 13. Bill of materials for the application circuit in Figure 3
Note:
The PLL loop filter component values in
Table 13 (R2, R3, C6-C8) can be used for
data rates up to 4.8 kBaud. The SmartRF®
Studio
software
provides
component
values for other data rates using the
equations on page 50.
In the CC1020EMX reference design
LQG15HS series inductors from Murata
have been used. The switch is SW-456
from M/A-COM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com