Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments CC1020-RTR1 Datasheet HTML 81Page - Texas Instruments CC1020-RTR1 Datasheet HTML 82Page - Texas Instruments CC1020-RTR1 Datasheet HTML 83Page - Texas Instruments CC1020-RTR1 Datasheet HTML 84Page - Texas Instruments CC1020-RTR1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
CC1020
SWRS046
Page 81 of 92
PA_POWER Register (1Ch)
REGISTER
NAME
Default
value
Active
Description
PA_POWER[7:4]
PA_HIGH [3:0]
0
-
Controls output power in high-power array
0: High-power array is off
1: Minimum high-power array output power
…
15: Maximum high-power array output power
PA_POWER[3:0]
PA_LOW[3:0]
15
-
Controls output power in low-power array
0: Low-power array is off
1: Minimum low-power array output power
…
15: Maximum low-power array output power
It is more efficient in terms of current consumption to use
either the lower or upper 4-bits in the PA_POWER
register to control the power.
MATCH Register (1Dh)
REGISTER
NAME
Default value
Active
Description
MATCH[7:4]
RX_MATCH[3:0]
0
-
Selects matching capacitor array value for RX. Each
step is approximately 0.4 pF.
MATCH[3:0]
TX_MATCH[3:0]
0
-
Selects matching capacitor array value for TX.
Each step is approximately 0.4 pF.
PHASE_COMP Register (1Eh)
REGISTER
NAME
Default
value
Active
Description
PHASE_COMP[7:0]
PHASE_COMP[7:0]
0
-
Signed compensation value for LO I/Q phase error.
Used for image rejection calibration.
−128: approx. −6.2° adjustment between I and Q phase
−1: approx. −0.02° adjustment between I and Q phase
0: approx. +0.02° adjustment between I and Q phase
127: approx. +6.2° adjustment between I and Q phase
GAIN_COMP Register (1Fh)
REGISTER
NAME
Default
value
Active
Description
GAIN_COMP[7:0]
GAIN_COMP[7:0]
0
-
Signed compensation value for mixer I/Q gain error. Used
for image rejection calibration.
−128: approx. −1.16 dB adjustment between I and Q gain
−1: approx. −0.004 dB adjustment between I and Q gain
0: approx. +0.004 dB adjustment between I and Q gain
127: approx. +1.16 dB adjustment between I and Q gain
POWERDOWN Register (20h)
REGISTER
NAME
Default
value
Active
Description
POWERDOWN[7]
PA_PD
0
H
Sets PA in power-down when PD_MODE[1:0]=2
POWERDOWN[6]
VCO_PD
0
H
Sets VCO in power-down when PD_MODE[1:0]=2
POWERDOWN[5]
BUFF_PD
0
H
Sets VCO divider, LO buffers and prescaler in power-down
when PD_MODE[1:0]=2
POWERDOWN[4]
CHP_PD
0
H
Sets charge pump in power-down when PD_MODE[1:0]=2
POWERDOWN[3]
LNAMIX_PD
0
H
Sets LNA/mixer in power-down when PD_MODE[1:0]=2
POWERDOWN[2]
VGA_PD
0
H
Sets VGA in power-down when PD_MODE[1:0]=2
POWERDOWN[1]
FILTER_PD
0
H
Sets image filter in power-down when PD_MODE[1:0]=2
POWERDOWN[0]
ADC_PD
0
H
Sets ADC in power-down when PD_MODE[1:0]=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com