Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23
PGA3L_VOL
17h
7:0
PGA3L_
VOL[7:0]
R24
PGA3R_VOL
18h
7:0
PGA3R_
VOL[7:0]
R19
PGA1L_VOL
13h
8
PGA1L_
VU
R20
PGA1R_VOL
14h
8
PGA1R_
VU
R21
PGA2L_VOL
15h
8
PGA2L_
VU
R22
PGA2R_VOL
16h
8
PGA2R_
VU
R23
PGA3L_VOL
17h
8
PGA3L_
VU
R24
PGA3R_VOL
18h
8
PGA3R_
VU
0
Input PGA Volume Update
0 = Latch corresponding volume setting into
Register Map but do not update volume
1 = Latch corresponding volume setting
into Register Map and update all channels
simultaneously
2
PGA1L_
ZC
3
PGA1R_
ZC
4
PGA1L_
ZC
5
PGA1R_
ZC
6
PGA1L_
ZC
R25
PGA_CTRL1
19h
7
PGA1R_
ZC
1
PGA Gain Zero Cross Enable
0 = PGA gain updates occur immediately
1 = PGA gain updates occur on zero cross
Table 25 Analogue Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com