Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
25
DIGITAL AUDIO DATA FORMATS
The WM8593 supports a range of common audio interface formats:
•
I
2S
•
Left Justified (LJ)
•
Right Justified (RJ)
•
DSP Mode A
•
DSP Mode B
All formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the exception
of 32 bit RJ mode, which is not supported.
Audio data for each stereo channel is time multiplexed with the interface’s left/right clock indicating
whether the left or right channel is present. The left/right clock is also used as a timing reference to
indicate the beginning or end of the data words.
In LJ, RJ and I
2S modes, the minimum number of bit clock periods per left/right clock period is two
times the selected word length. The left/right clock must be high for a minimum of bit clock periods
equivalent to the word length, and low for the same period. For example, for a word length of 24 bits,
the left/right clock must be high for a minimum of 24 bit clock periods and low for a minimum of 24
bit clock periods. Any mark to space ratio is acceptable for the left/right clock provided these
requirements are met.
In DSP modes A and B, left and right channels must be time multiplexed and input on DIN1. LRCLK
is used as a frame synchronisation signal to identify the MSB of the first input word. The minimum
number of bit clock periods per left/right clock period is two times the selected word length. Any
mark to space ratio is acceptable for the left/right clock provided the rising edge is correctly
positioned.
I2S MODE
In I
2S mode, the MSB of input data is sampled on the second rising edge of bit clock following a
left/right clock transition. The MSB of output data changes on the first falling edge of bit clock
following a left/right clock transition, and may be sampled on the next rising edge of bit clock.
Left/right clocks are low during the left channel audio data samples and high during the right channel
audio data samples.
Figure 12 I2S Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com