Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
83
R38 (26h) – Audio Interface MUX Configuration Register 2 (AIF_MUX2)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
PORT2_UPD
DIO2_SEL[2:1]
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
DIO2_
SEL[0]
WORDCLK2_SEL[2:0]
MCLK2_SEL[2:0]
PORT2_
FORCE
Default
1
0
0
1
0
0
1
0
N/A = Not Applicable (no function implemented)
Function
Description
PORT2_FORCE
Force Port 2 Clocks to Change
0 = Wait until clocks are safe before switching between clock sources
1 = Force clock sources to change immediately
See Table 40 for details of use.
MCLK2_SEL[2:0]
MCLK2 Pin Function Select
000 = Output MCLK1
001 = Input to WM8593
010 = Output MCLK3
011 = Output MCLK4
100 = Output MCLK5
101 to 111 = Reserved
WORDCLK2_SEL[2:0]
BCLK2 and LRCLK2 Pins Function Select
000 = Output BCLK1 and LRCLK1
001 = Inputs to WM8593
010 = Output BCLK3 and LRCLK3
011 = Output BCLK4 and LRCLK4
100 = Output BCLK5 and LRCLK5
101 = Output DAC1BCLK and DAC1LRCLK (when DAC1 is in master mode)
110 = Output DAC2BCLK and DAC2LRCLK (when DAC2 is in master mode)
111 = Output ADCBCLK and ADCBCLK (when ADC is master mode)
DIO2_SEL[2:0]
DIO2 Pin Function Select
000 = Output DIO1
001 = Input to WM8593
010 = Output DIO3
011 = Output DIO4
100 = Output DIO5
101 = Output GPIO1
110 = Output GPIO2
111 = Output ADC Data Output
PORT2_UPD
Port 2 Update
0 = Latch corresponding Port 2 settings into Register Map but do not update
1 = Latch corresponding Port 2 settings into Register Map and update all simultaneously
Figure 54 R38 – Audio Interface MUX Configuration Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com