Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
93
ADC FILTER RESPONSES
Magnitude (dB) up to fs
-140
-120
-100
-80
-60
-40
-20
0
20
0.00
0.25
0.50
0.75
Frequency
Magnitude (dB): Passband Ripple
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.00
0.25
Frequency
Figure 69 ADC Digital Filter Frequency Response
Figure 70 ADC Digital Filter Ripple
ADC HIGH PASS FILTER
The WM8593 has a selectable digital high pass filter to remove DC offsets. The filter response is characterised by the
following polynomial.
Figure 71 ADC Highpass Filter Response
1 - z-1
1 - 0.9995z-1
H(z) =
MA GNITUDE(dB)
0
2
4
6
8
10121416
18
20
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com