Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
44
DIGITAL AUDIO PORT PIN CONFIGURATION
The MCLK1 and DIO1 pins are defined individually as an input or an output using MCLK1_SEL[2:0]
and DIO1_SEL[2:0] respectively.
The BCLK1 and LRCLK1 pins are always defined as inputs or
outputs together using WORDCLK1_SEL[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:1
MCLK1_
SEL[2:0]
000
MCLK1 Pin Function Select
000 = Input to WM8593
001 = Output MCLK2
010 = Output MCLK3
011 = Output MCLK4
100 = Output MCLK5
101 to 111 = Reserved
6:4
WORD
CLK1_
SEL[2:0]
000
BCLK1 and LRCLK1 Pins Function Select
000 = Inputs to WM8593
001 = Output BCLK2 and LRCLK2
010 = Output BCLK3 and LRCLK3
011 = Output BCLK4 and LRCLK4
100 = Output BCLK5 and LRCLK5
101 = Output DAC1BCLK and DAC1LRCLK
(when DAC1 is in master mode)
110 = Output DAC2BCLK and DAC2LRCLK
(when DAC2 is in master mode)
111 = Output ADCBCLK and ADCBCLK
(when ADC is master mode)
R37
AIF_MUX1
25h
9:7
DIO1_
SEL[2:0]
000
DIO1 Pin Function Select
000 = Input to WM8593
001 = Source DIO2
010 = Source DIO3
011 = Source DIO4
100 = Source DIO5
101 = Source GPIO1
110 = Source GPIO2
111 = Source ADC Data Output
Table 32 Digital Audio Port 1 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com