Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 98Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
96
EXAMPLE CONFIGURATION FOR JACK DETECT
The WM8593 contains a jack detect function as described on page 54. In order to use this function,
it is necessary to connect the required GPIO pin to the headphone connector to detect the insertion
of the jack. Figure 74 shows a typical connection scheme:
Figure 74 Example Jack Detect Circuitry
When a jack is not inserted, the mechanical switch in the 3.5mm jack socket is closed and a short
between pin 11 and pin 3 is present. There is a potential divider between DVDD and GND formed by
R1 and R3, and this causes the voltage level at GPIO1 to be:
DVDD * [R3 / (R1 +R3)] = DVDD * [10 / (470 + 10)] = 0.02 * DVDD = logic 0
When a jack is inserted, the mechanical switch in the 3.5mm jack socket is opened and there is no
longer a short between pin 11 and pin 3. The voltage level at GPIO1 is then pulled up to DVDD
through R1 and is therefore logic 1. Therefore, the function of the circuit in Figure 74 is:
JACK STATUS
LOGIC LEVEL AT GPIO1
Not Inserted
Logic 0
Inserted
Logic 1
Table 45 Example Jack Detect Configuration Operation
RELEVANT APPLICATION NOTES
The following application notes, available from www.wolfsonmicro.com, may provide additional
guidance for the use of the WM8593.
DEVICE PERFORMANCE:
WAN0129 – Decoupling and Layout Methodology for Wolfson DACs, ADCs and CODECs
WAN0144 – Using Wolfson Audio DACs and CODECs with Noisy Supplies
WAN0176 – AC Coupling Capacitor Selection
GENERAL:
WAN0108 – Moisture Sensitivity Classification and Plastic IC Packaging
WAN0109 – ESD Damage in Integrated Circuits: Causes and Prevention
WAN0158 – Lead-Free Solder Profiles for Lead-Free Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com