Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
19
When the WM8593 has acknowledged a correct address, the controller sends the first byte of control
data (A6 to A0, i.e. the WM8593 initial register address). The WM8593 then acknowledges the first
control data byte by pulling SDIN low for one SCLK pulse. The controller then sends a byte of
register data. The WM8593 acknowledges the first byte of register data, auto-increments the register
address to be written to, and waits for the next byte of register data. Subsequent bytes of register
data can be written to consecutive registers of the WM8593 without setting up the device and register
address.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
Figure 7 2-Wire Auto-Increment Register Write
REGISTER READBACK
The WM8593 allows readback of all registers with data output on the bidirectional SDIN pin. The
protocol is similar to that used to write to the device. The controller will issue the device address
followed by a write bit, and the register index will then be passed to the WM8593.
At this point the controller will issue a repeated start condition and resend the device address along
with a read bit. The WM8593 will acknowledge this and the WM8593 will become a slave transmitter.
The WM8593 will place the data from the indexed register onto SDIN MSB first. When the controller
receives the first byte of data, it acknowledges it. When the controller receives the second and final
byte of data it will not acknowledge receipt of the data indicating that it will resume master transmitter
control of SDIN. The controller will then issue a stop command completing the read cycle.
Figure 8 2-wire Read Protocol
AUTO-INCREMENT REGISTER READBACK
It is possible to read from multiple consecutive registers in continuous readback mode. Continuous
readback mode is selected by setting AUTO_INC.
In continuous readback mode, the WM8593 will return the indexed register first, followed by
consecutive registers in increasing index order until the controller issues a stop sequence.
Figure 9 2-Wire Auto-Increment Register Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com