Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
6
PIN
NAME
TYPE
DESCRIPTION
49
ADCREFP
Analogue Output
Positive reference for ADC
50
ADCVMID
Analogue Output
Midrail divider decoupling pin for ADC
51
ADCREFN
Analogue Input
Ground reference for ADC
52
DACREFP
Analogue Input
Positive reference for DACs
53
DACVMID
Analogue Output
Midrail divider decoupling pin for DACs
54
DACREFN
Analogue Input
Ground reference for DACs
55
AVDD1
Supply
Analogue 3.3V supply
56
AGND1
Supply
Analogue ground
57
MODE
Digital Input
2-wire/3-wire mode select
58
SDOUT
Digital Output
Serial Data output for 3-wire readback
59
/CS
Digital Input
3-wire serial control interface latch
60
SCLK
Digital Input
Software mode: serial control interface clock signal
61
SDIN
Digital Input
Software mode: serial control interface data signal
62
MCLK1
Digital Input/Output
Audio interface port 1 master clock input/output
63
LRCLK1
Digital Input/Output
Audio interface port 1 left/right clock input/output
64
BCLK1
Digital Input/Output
Audio interface port 1 bit clock input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com