Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
18
CONTROL INTERFACE
Control of the WM8593 is achieved by a 2-wire SM-bus-compliant or 3-wire SPI compliant serial
interface with readback. Software interface mode is selected using the MODE pin as shown in Table
7 below:
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 7 Control Interface Mode Selection
2-WIRE (SM-BUS COMPATIBLE) SERIAL CONTROL INTERFACE MODE
Many devices can be controlled by the same bus, and each device has a unique 7-bit address.
REGISTER WRITE
The controller indicates the start of data transfer with a high to low transition on SDIN while SCLK
remains high. This indicates that a device address and data will follow. All devices on the 2-wire bus
respond to the start condition and shift in the next eight bits on SDIN (7-bit address and read/write
bit, MSB first). If the device address received matches the address of the WM8593, the WM8593
responds by pulling SDIN low on the next clock pulse (ACK). If the address is not recognised, the
WM8593 returns to the idle condition and waits for a new start condition with valid address.
When the WM8593 has acknowledged a correct address, the controller sends the first byte of control
data (B23 to B16, i.e. the WM8593 register address). The WM8593 then acknowledges the first data
byte by pulling SDIN low for one SCLK pulse. The controller then sends a second byte of control data
(B15 to B8, i.e. the first 8 bits of register data), and the WM8593 acknowledges again by pulling
SDIN low for one SCLK pulse. Finally, the controller sends a third byte of control data (B7 to B0, i.e.
the final 8 bits of register data), and the WM8593 acknowledges again by pulling SDIN low for one
SCLK pulse.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8593 returns to the idle state and
waits for another start condition. If a start or stop condition is detected out of sequence at any point
during data transfer (i.e. SDIN changes while SCLK is high), the WM8593 reverts to the idle
condition.
The WM8593 device address is 34h (0110100) or 36h (0110110), selectable by control of /CS.
/CS (PIN 45)
2-WIRE BUS ADDRESS
0
34h (0110100)
1
36h (0110110)
Table 8 2-Wire Control Interface Bus Address Selection
Figure 6 2-Wire Write Protocol
AUTO-INCREMENT REGISTER WRITE
It is possible to write to multiple consecutive registers using the auto-increment feature. When
AUTO_INC is set, the register write protocol follows the method shown in Figure 7. As with normal
register writes, the controller indicates the start of data transfer with a high to low transition on SDIN
while SCLK remains high, and all devices on the bus receive the device address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com