Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
66
R12 (0Ch) – Device Enable Register (ENABLE)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
GLOBAL_EN
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
GLOBAL_EN
Device Global Enable
0 = ADC, DAC and PGA ramp control circuitry disabled
1 = ADC, DAC and PGA ramp control circuitry enabled
Figure 36 R12 – Device Enable Register
R13 (0Dh) – ADC Control Register 1 (ADC_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
Write
N/A
N/A
ADC_ZCEN
ADC_HPD
ADC_DATA_SEL[1:0]
ADCL_INV
ADCR_INV
Default
0
0
1
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
ADC_
LRSWAP
ADC_EN
ADC_LRP
ADC_BCP
ADC_WL[1:0]
ADC_FMT[1:0]
Default
0
0
0
0
1
0
1
0
N/A = Not Applicable (no function implemented)
Function
Description
ADC_FMT[1:0]
ADC Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I
2S
11 = DSP
ADC_WL[1:0]
ADC Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified mode)
ADC_BCP
ADC BCLK Polarity
0 = ADCBCLK not inverted - data latched on rising edge of BCLK
1 = ADCBCLK inverted - data latched on falling edge of BCLK
ADC_LRP
ADC LRCLK Polarity
0 = ADCLRCLK not inverted
1 = ADCLRCLK inverted
ADC_EN
ADC Enable
0 = ADC disabled
1 = ADC enabled
ADC_LRSWAP
ADC Left/Right Swap
0 = Normal
1 = Swap left channel data into right channel and vice-versa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com