Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
49
ADC AUDIO INTERFACE CLOCK CONFIGURATION
The WM8593 ADC has an independent audio interface which can be configured to select the
required signals from any of the digital audio ports. The audio interface is not restricted to take each
signal from the same digital audio port, although the BCLK and LRCLK signals are selected together.
For example, it is possible to use MCLK1, BCLK2, LRCLK2 and DIO5 as the digital audio port pins
that connect to the ADC audio interface through the audio interface mux if required.
The MCLK is always an input to the ADC audio interface is selected using ADCMCLK_SEL[2:0]. The
BCLK and LRCLK are always selected together, and can be either an input to the ADC audio
interface (when the ADC is in slave mode) or an output from the ADC audio interface (when the ADC
is in master mode). BCLK and LRCLK are selected using ADCWORDCLK_SEL[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:1
ADC
MCLK_
SEL[2:0]
000
ADCMCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 = Use MCLK3
011 = Use MCLK4
100 = Use MCLK5
101 to 111 = Reserved
R44
AIF_MUX8
2Ch
6:4
ADC
WORD
CLK_
SEL[2:0]
000
ADC BCLK and LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 = Use BCLK3 and LRCLK3
011 = Use BCLK4 and LRCLK4
100 = Use BCLK5 and LRCLK5
101 = Use DAC1BCLK and DAC1LRCLK
(when DAC1 is in master mode)
110 = Use DAC2BCLK and DAC2LRCLK
(when DAC2 is in master mode)
111 = Output ADCBCLK and ADCBCLK
(when ADC is master mode)
Table 37 ADC Audio Interface Clock Configuration
DAC1 AND DAC2 AUDIO INTERFACE CLOCK CONFIGURATION
Both DACs on the WM8593 have independent audio interfaces which can be configured to select the
required signals from any of the digital audio ports. The audio interfaces are not restricted to take
each signal from the same digital audio ports, although the BCLK and LRCLK signals are selected
together. For example, it is possible to use MCLK1, BCLK2, LRCLK2 and DIO5 as the digital audio
port pins that connect to the DAC1 audio interface through the audio interface mux, while using
MCLK2, BCLK1, LRCLK1 and DIO3 for DAC2 if required.
DAC1MCLK and DAC2MCLK are always inputs to the DAC1 and DAC2 audio interfaces and are
selected using DAC1MCLK_SEL[2:0] and DAC2MCLK_SEL[2:0] respectively.
DAC1BCLK and DAC1LRCLK are always selected together, and can be either an input to the DAC1
audio interface (when DAC1 is in slave mode) or an output from the DAC1 audio interface (when
DAC1 is in master mode). DAC2BCLK and DAC2LRCLK are always selected together, and can be
either an input to the DAC2 audio interface (when DAC2 is in slave mode) or an output from the
DAC2 audio interface (when DAC2 is in master mode). DAC1BCLK and DAC1LRCLK are selected
using DAC1WORDCLK_SEL[2:0],
while DAC2BCLK and DAC2LRCLK are selected using
DAC2WORDCLK_SEL[2:0].
Finally, the data input to the DAC1 audio interface is configured using DAC1DIN_SEL[2:0] and the
data input to the DAC2 audio interface is configured using DAC2DIN_SEL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com