Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
51
UPDATE FUNCTION
To prevent clock contention issues during setup of the digital audio interface mux, an update system
has been implemented. This allows the registers to be configured as required and the update to be
applied with the last register write synchronise the configuration of the digital audio mux. An update
can be generated using any of the update bits shown in Table 39.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37
AIF_MUX1
25h
10
PORT1_
UPD
R38
AIF_MUX2
26h
10
PORT2_
UPD
R39
AIF_MUX3
27h
10
PORT3_
UPD
R40
AIF_MUX4
28h
10
PORT4_
UPD
R41
AIF_MUX5
29h
10
PORT5_
UPD
R42
AIF_MUX6
2Ah
10
DAC1_
UPD
R43
AIF_MUX7
2Bh
10
DAC2_
UPD
R44
AIF_MUX8
2Ch
10
ADC_
UPD
0
Update
0 = Latch corresponding settings into
Register Map but do not update
1 = Latch corresponding settings into
Register Map and update all simultaneously
Table 39 Audio Interface Mux Update Bits
DETAILS ON CLOCK SWITCHING
In order to avoid short clock pulses (glitches) when switching between two independent clock
sources, the MCLK and BCLK switching is carefully controlled within the WM8593 using various
feedback and logic mechanisms. This controlled switching applies to all MCLK and BCLK digital
audio port pins, and also when switching MCLK and BCLK sources in the ADC, DAC1 and DAC2
audio interfaces.
Example: Switching from MCLK2 to MCLK3 using the MCLK4 pin
CLK_A is applied to the MCLK2 pin, and CLK_B is applied to the MCLK3 pin.
Initially,
MCLK4_SEL[2:0]=001, so CLK_A is output on the MCLK4 pin.
To change the output clock to
CLK_B, set MCLK4_SEL[2:0]=010. The logic waits until CLK_A (MCLK2 pin) is low then disconnects
CLK_A from the output (MCLK4) pin. The output pin (MCLK4) now outputs logic 0 for two rising
edges of CLK_B (MCLK3 pin) before starting to output CLK_B. This behaviour is shown in Figure
23:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com