Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
13
ADC_ZC_
EN
1
ADC Digital Volume Control Zero Cross
Enable
0 = Do not use zero cross, change volume
instantly
1 = Use zero cross, change volume when
data crosses zero
Table 22 ADC Digital Volume Control
CHANNEL SWAP AND INVERSION
The WM8593 ADC input channels can be inverted and swapped in a number of ways to provide
maximum flexibility of input path to the ADC. The default configuration provides stereo output data
with the left and right channel data in the left and right channels. It is possible to swap the left and
right channels, invert them independently, or select the same data from both channels.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
ADC_
LRSWAP
0
ADC Left/Right Swap
0 = Normal
1 = Swap left channel data into right channel
and vice-versa
8
ADCR_
INV
0
9
ADCL_
INV
0
ADCL and ADCR Output Signal Inversion
0 = Output not inverted
1 = Output inverted
R13
ADC_CTRL1
0Dh
11:10
ADC_
DATA_
SEL[1:0]
00
ADC Data Output Select
00 = left data from ADCL, right data from
ADCR
01 = left data from ADCL, right data from
ADCL
10 = left data from ADCR, right data from
ADCR
11 = left data from ADCR, right data from
ADCL
Table 23 ADC Channel Swap Control
HIGH PASS FILTER
The WM8593 includes a high pass filter to remove DC offsets. The high pass filter response is
shown on page 93. It is possible to disable the high pass filter by writing to ADC_HPD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
12
ADC_HPD
0
ADC High Pass Filter Disable
0 = High pass filter enabled
1 = High pass filter disabled
Table 24 High Pass Filter Disable Control
ANALOGUE ROUTING CONTROL
The WM8593 has a number of analogue paths, allowing flexible routing of a number of analogue
input signals and DAC output signals at levels up to 2Vrms. The analogue paths include volume
control with zero cross, optional soft ramp and soft mute, and flexible routing of analogue inputs and
DAC outputs to analogue outputs.
There are a total of 16 (eight stereo) analogue input channels and four (two stereo) DAC output
channels. Any two of the sixteen input channels can be routed to the ADC. Any six of the 20 total
channels can be routed to the analogue outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com