Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42
AIF_MUX6
2Ah
3:1
DAC1
MCLK_
SEL[2:0]
R43
AIF_MUX7
2Bh
DAC2
MCLK_
SEL[2:0]
001
DAC MCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 = Use MCLK3
011 = Use MCLK4
100 = Use MCLK5
101 to 111 = Reserved
R42
AIF_MUX6
2Ah
6:4
DAC1
WORD
CLK_
SEL[2:0]
R43
AIF_MUX7
2Bh
DAC2
WORD
CLK_
SEL[2:0]
001
DAC BCLK and DAC LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 = Use BCLK3 and LRCLK3
011 = Use BCLK4 and LRCLK4
100 = Use BCLK5 and LRCLK5
101 = Use DAC1BCLK and DAC1LRCLK
(when DAC1 is in master mode)
110 = Use DAC2BCLK and DAC2LRCLK
(when DAC2 is in master mode)
111 = Use ADCBCLK and ADCBCLK (when
ADC is master mode)
R42
AIF_MUX6
2Ah
9:7
DAC1
DIN_
SEL[2:0]
R43
AIF_MUX7
2Bh
DAC2
DIN_
SEL[2:0]
001
DAC DIN Select
000 = Use DIO1
001 = Use DIO2
010 = Use DIO3
011 = Use DIO4
100 = Use DIO5
101 = Use GPIO1
110 = Use GPIO2
111 = Use ADCDOUT
Table 38 DAC1 and DAC2 Audio Interface Clock Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com