Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
65
R10 (0Ah) – DAC2L Digital Volume Control Register (DAC2L_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
DAC2L_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
DAC2L_VOL[7:0]
Default
1
1
0
0
1
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC2L_VOL[7:0]
DAC2 Digital Volume
0000 0000 = -100dB
0000 0001 = -99.5dB
0000 0010 = -99dB
…0.5dB steps
1100 1000 = 0dB
…0.5dB steps
1101 1111 = +11.5dB
111X XXXX = +12dB
DAC2L_VU
DAC2 Digital Volume Update
0 = Latch DAC2L_VOL[7:0] into Register Map but do not update volume
1 = Latch DAC2L_VOL[7:0] into Register Map and update left and right channels simultaneously
Figure 34 R10 – DAC2L Digital Volume Control Register
R11 (0Bh) – DAC2R Digital Volume Control Register (DAC2R_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
DAC2R_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
DAC2R_VOL[7:0]
Default
1
1
0
0
1
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC2R_VOL[7:0]
DAC2R Digital Volume
0000 0000 = -100dB
0000 0001 = -99.5dB
0000 0010 = -99dB
…0.5dB steps
1100 1000 = 0dB
…0.5dB steps
1101 1111 = +11.5dB
111X XXXX = +12dB
DAC2R_VU
DAC2R Digital Volume Update
0 = Latch DAC2R_VOL[7:0] into Register Map but do not update volume
1 = Latch DAC2R_VOL[7:0] into Register Map and update left and right channels simultaneously
Figure 35 R11 – DAC2R Digital Volume Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com