Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
ADCL_
AMP_EN
0
R31
INPUT_CTRL4
1Fh
7
ADCR_
AMP_EN
0
ADC Input Amplifier Enable Controls
0 = Amplifier disabled
1 = Amplifier enabled
Table 30 ADC Input Switch Control
OUTPUT SELECTOR CONTROL
Any analogue PGA channel can be routed to any analogue output. All analogue outputs can be
independently enabled and disabled. Additionally, all outputs can be tri-stated to allow the output to
be connected to applications where ports can either be inputs or outputs.
Note: It is recommended to mute all the outputs before changing the output selector to avoid
pop/click noises when selecting a different output source.
Figure 21 Output Selector Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com