Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
29
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
ADC_
WL[1:0]
10
ADC Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified
mode)
4
ADC_BCP
0
ADC BCLK Polarity
0 = ADCBCLK not inverted - data latched on
rising edge of BCLK
1 = ADCBCLK inverted - data latched on
falling edge of BCLK
5
ADC_LRP
0
ADC LRCLK Polarity
0 = ADCLRCLK not inverted
1 = ADCLRCLK inverted
Table 15 Audio Interface Control
DAC FEATURES
The WM8593 includes two 24-bit DACs with independent clocks and independent data inputs. The
DACs include digital volume control with zero cross and soft mute, de-emphasis support, and the
capability to select the output channels to be stereo or a range of mono options. The DACs are
enabled by writing to DAC1_EN and DAC2_EN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
8
DAC1_EN
0
DAC1 Enable
0 = DAC disabled
1 = DAC enabled
R7
DAC2_CTRL1
07h
8
DAC2_EN
0
DAC2 Enable
0 = DAC2 disabled
1 = DAC2 enabled
Table 16 DAC Enable Control
DIGITAL VOLUME CONTROL
The WM8593 DACs include independent digital volume control, allowing the digital gain to be
adjusted between -100dB and +12dB in 0.5dB steps. All four DAC channels can be controlled
independently. Alternatively, global update bits allow the user to write all volume changes before the
volume is updated.
Volume control includes optional zero cross functionality. When zero cross is enabled, volume
changes are not applied until the output level crosses VMID. Zero cross helps to prevent pop and
click noise when changing volume settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
DAC1L_VOL
05h
7:0
DAC1L
_VOL[7:0]
R6
DAC1R_VOL
06h
7:0
DAC1R
_VOL[7:0]
R10
DAC2L_VOL
0Ah
7:0
DAC2L
_VOL[7:0]
11001000
DAC Digital Volume
0000 0000 = -100dB
0000 0001 = -99.5dB
0000 0010 = -99dB
…0.5dB steps
1100 1000 = 0dB
…0.5dB steps
1101 1111 = +11.5dB
111X XXXX = +12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com