Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8593 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DIO1
Digital Input/Output
Audio interface port 1 data input/output
2
MCLK2
Digital Input/Output
Audio interface port 2 master clock input/output
3
LRCLK2
Digital Input/Output
Audio interface port 2 left/right clock input/output
4
BCLK2
Digital Input/Output
Audio interface port 2 bit clock input/output
5
DIO2
Digital Input/Output
Audio interface port 2 data input/output
6
MCLK3
Digital Input/Output
Audio interface port 3 master clock input/output
7
LRCLK3
Digital Input/Output
Audio interface port 3 left/right clock input/output
8
BCLK3
Digital Input/Output
Audio interface port 3 bit clock input/output
9
DIO3
Digital Input/Output
Audio interface port 3 data input/output
10
MCLK4
Digital Input/Output
Audio interface port 4 master clock input/output
11
LRCLK4
Digital Input/Output
Audio interface port 4 left/right clock input/output
12
BCLK4
Digital Input/Output
Audio interface port 4 bit clock input/output
13
DIO4
Digital Input/Output
Audio interface port 4 data input/output
14
DVDD
Supply
Digital supply
15
DGND
Supply
Digital ground
16
MCLK5
Digital Input/Output
Audio interface port 5 master clock input/output
17
LRCLK5
Digital Input/Output
Audio interface port 5 left/right clock input/output
18
BCLK5
Digital Input/Output
Audio interface port 5 bit clock input/output
19
DIO5
Digital Input/Output
Audio interface port 5 data input/output
20
GPIO1
Digital Input/Output
General purpose input/output 1
21
GPIO2
Digital Input/Output
General purpose input/output 2
22
/PWDN
Digital Input
Hardware standby mode
23
MUTE
Digital Input
Hardware DAC mute
24
/RESET
Digital Input
Hardware reset
25
AVDD2
Supply
Analogue 9V supply
26
AGND2
Supply
Analogue ground
27
VOUT3R
Analogue Output
Output selector channel 3 right output
28
VOUT3L
Analogue Output
Output selector channel 3 left output
29
VOUT2R
Analogue Output
Output selector channel 2 right output
30
VOUT2L
Analogue Output
Output selector channel 2 left output
31
VOUT1R
Analogue Output
Output selector channel 1 right output
32
VOUT1L
Analogue Output
Output selector channel 1 left output
33
VIN1L
Analogue Input
Input selector channel 1 left input
34
VIN1R
Analogue Input
Input selector channel 1 right input
35
VIN2L
Analogue Input
Input selector channel 2 left input
36
VIN2R
Analogue Input
Input selector channel 2 right input
37
VIN3L
Analogue Input
Input selector channel 3 left input
38
VIN3R
Analogue Input
Input selector channel 3 right input
39
VIN4L
Analogue Input
Input selector channel 4 left input
40
VIN4R
Analogue Input
Input selector channel 4 right input
41
VIN5L
Analogue Input
Input selector channel 5 left input
42
VIN5R
Analogue Input
Input selector channel 5 right input
43
VIN6L
Analogue Input
Input selector channel 6 left input
44
VIN6R
Analogue Input
Input selector channel 6 right input
45
VIN7L
Analogue Input
Input selector channel 7 left input
46
VIN7R
Analogue Input
Input selector channel 7 right input
47
VIN8L
Analogue Input
Input selector channel 8 left input
48
VIN8R
Analogue Input
Input selector channel 8 right input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com