Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
40
ADC INPUT SELECTOR CONTROL
The ADC input switch can be configured to allow any combination of two inputs to be input to the
ADC. Each input switch channel can be controlled independently.
The input switch also includes PGAs to provide a range of analogue gain settings between 0dB and
+12dB prior to the ADC. These PGAs can be enabled and disabled independently.
Figure 20 ADC Input Selector Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
ADCL_
SEL[3:0]
0000
7:4
ADCR_
SEL[4:0]
0000
ADC Input Select
0000 = VIN1L
0001 = VIN2L
0010 = VIN3L
0011 = VIN4L
0100 = VIN5L
0101 = VIN6L
0110 = VIN7L
0111 = VIN8L
1000 = VIN1R
1001 = VIN2R
1010 = VIN3R
1011 = VIN4R
1100 = VIN5R
1101 = VIN6R
1110 = VIN7R
1111 = VIN8R
9:8
ADC_AMP
_VOL[1:0]
10
ADC Amplifier Gain Control
00 = 0dB
01 = +3dB
10 = +6dB
11 = +12dB
R30
INPUT_CTRL3
1Eh
10
ADC_
SWITCH_
EN
0
ADC Input Switch Control
0 = ADC input switches open
1 = ADC input switches closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com