Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
14
CONTROL INTERFACE TIMING – 2-WIRE MODE
Figure 4 Control Interface Timing – 2-Wire Serial Control Mode
Test Conditions
AVDD1, DVDD = 3.3V, AVDD2 = 9V, AGND1, AGND2, DGND = 0V, TA = +25˚C, Slave Mode, fs = 48kHz, ADCMCLK,
DACMCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK pulse cycle time
tSCY
2500
ns
SCLK duty cycle
40/60
60/40
%
SCLK frequency
400
kHz
Hold Time (Start Condition)
tSTHO
600
ns
Setup Time (Start Condition)
tSTSU
600
ns
Data Setup Time
tDSU
100
ns
SDIN, SCLK Rise Time
300
ns
SDIN, SCLK Fall Time
300
ns
Setup Time (Stop Condition)
tSTOP
600
ns
Data Hold Time
tDHO
900
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 4 Control Interface Timing – 2-Wire Serial Control Mode
SDIN
SCLK
t
STHO
t
SCY
t
DSU
t
STSU
t
STHO
t
STOP
t
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com