Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
21
DEVICE ID AND REVISION
Reading from register R0 returns the device ID. Reading from register R1 returns the device revision
number.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
DEVICE_ID
00h
15:0
DEVICE_ID
[15:0]
10000101
10010011
Device ID
A read of this register will return the device
ID, 0x8593.
R1
REVISION
01h
7:0
REVNUM
[7:0]
N/A
Device Revision
A read of this register will return the device
revision number. This number is sequentially
incremented if the device design is updated.
Table 9 Device ID and Revision Number
GLOBAL ENABLE CONTROL
The WM8593 includes a number of enable and disable mechanisms to allow the device to be
powered on and off in a pop-free manner. A global enable control bit enables the ADC, DAC and
analogue paths.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12
ENABLE
0Ch
0
GLOBAL_
EN
0
Device Global Enable
0 = ADC, DAC and PGA ramp control
circuitry disabled
1 = ADC, DAC and PGA ramp control
circuitry enabled
Table 10 Global Enable Control
DIGITAL AUDIO INTERFACE
Digital audio data is transferred to and from the WM8593 via the digital audio interface. The DACs
have independent data inputs and master clocks, bit clocks and left/right frame clocks, and operate
in both master or slave mode The ADC has independent master clock, bit clock and left/right frame
clock in addition to its data output, and can operate in both master and slave modes.
MASTER MODE
The ADC audio interface requires both a left/right frame clock (ADCLRCLK) and a bit clock
(ADCBCLK). These can be supplied externally (slave mode) or they can be generated internally
(master mode). Selection of master and slave mode is achieved by setting ADC_MSTR in ADC
Control Register 3.
The frequency of ADCLRCLK in master mode is dependent upon the ADC master clock frequency
and the ADC_SR[2:0] bits.
The frequency of ADCBCLK in master mode can be selected by ADC_BCLKDIV[1:0].
The DAC audio interfaces require both left/right frame clocks (DACLRCLK1, DACLRCLK2) and bit
clocks (DACBCLK1, DACBCLK2). These can be supplied externally (slave mode) or they can be
generated internally (master mode). Selection of master and slave mode is achieved by setting
DAC1_MSTR in DAC1 Control Register 3 and DAC2_MSTR in DAC2 Control Register 3.
The frequency of DACLRCLK1 in master mode is dependent upon the DAC1 master clock frequency
and the DAC1_SR[2:0] bits. Similarly the frequency of DACLRCLK2 in master mode is dependent
upon the DAC2 master clock frequency and the DAC2_SR[2:0] bits.
The
frequency
of
DACBCLK1
and
DACBCLK2
in
master
mode
can
be
selected
by
DAC1_BCLKDIV[1:0] and DAC2_BCLKDIV[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com