Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
31
DE-EMPHASIS
A digital de-emphasis filter may be applied to the DAC outputs when the sampling frequency is
44.1kHz. The de-emphasis filter for each DAC can be applied independently. The deemphasis filter
responses and error can be seen in Figure 67 and Figure 68.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
6
DAC1
_DEEMPH
0
DAC1 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
R7
DAC2_CTRL1
07h
6
DAC2
_DEEMPH
0
DAC2 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
Table 20 De-emphasis Control
ADC FEATURES
The WM8593 features a stereo 24-bit sigma-delta ADC, digital volume control with zero cross, a
selectable high pass filter to remove DC offsets, and support for both master and slave clocking
modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
6
ADC_EN
0
ADC Enable
0 = ADC disabled
1 = ADC enabled
Table 21 ADC Enable Control
DIGITAL VOLUME CONTROL
The ADC digital volume can be adjusted between +30dB and -97dB in 0.5dB steps. Left and right
channels can be controlled independently. Volume changes can be applied immediately to each
channel, or volume changes can be written to both channels before writing to an update bit in order
to change the volume in both channels simultaneously.
Volume control includes optional zero cross functionality. When zero cross is enabled, volume
changes are not applied until the output level crosses the DC level of the ADC output. Zero cross
helps to prevent pop and click noise when changing volume settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16
ADCL_VOL
10h
7:0
ADCL
_VOL[7:0]
11000011
R17
ADCR_VOL
11h
7:0
ADCR
_VOL[7:0]
11000011
ADC Digital Volume
0000 0000 = Digital mute
0000 0001 = -97dB
0000 0010 = -96.5dB
…0.5dB steps
1100 0011 = 0dB
…0.5dB steps
1111 1110 = +29.5dB
1111 1111 = +30dB
R16
ADCL_VOL
10h
8
ADCL_VU
0
R17
ADCR_VOL
11h
8
ADCR_VU
0
ADC Digital Volume Update
0 = Latch ADC volume setting into Register
Map but do not update volume
1 = Latch ADC volume setting into Register
Map and update left and right channels
simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com