Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
15
CONTROL INTERFACE TIMING – 3-WIRE MODE
Figure 5 Control Interface Timing – 3-Wire Serial Control Mode
Test Conditions
AVDD1, DVDD = 3.3V, AVDD2 = 9V, AGND1, AGND2, DGND = 0V, TA = +25˚C, Slave Mode, fs = 48kHz, ADCMCLK,
DACMCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB rising edge
tSCS
80
ns
SCLK pulse cycle time
tSCY
160
ns
SCLK duty cycle
40/60
60/40
%
SDIN to SCLK set-up time
tDSU
20
ns
SDIN hold time from SCLK rising edge
tDHO
40
ns
SDOUT propagation delay from SCLK rising edge
tDL
5
ns
CSB pulse width high
tCSH
40
ns
CSB rising/falling to SCLK rising
tCSS
40
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 5 Control Interface Timing – 3-Wire Serial Control Mode
/CS
SCLK
SDIN
t
DHO
t
DSU
tCSH
t
SCY
t
SCS
LSB
t
CSS
SDOUT
t
DL
LSB
t
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com