Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
26
LEFT JUSTIFIED (LJ) MODE
In LJ mode, the MSB of the input data is sampled by the WM8593 on the first rising edge of bit clock
following a left/right clock transition. The MSB of output data changes on the same falling edge of bit
clock as left/right clock and may be sampled on the next rising edge of bit clock. Left/right clock is
high during the left channel audio data samples and low during the right channel audio data
samples.
Figure 13 LJ Mode Timing
RIGHT JUSTIFIED (RJ) MODE
In RJ mode the LSB of input data is sampled on the rising edge of bit clock preceding a left/right
clock transition. The LSB of output data changes on the falling edge of bit clock preceding a left/right
clock transition, and may be sampled on the next rising edge of bit clock. Left/right clock is high
during the left channel audio data samples and low during the right channel audio data samples.
Figure 14 RJ Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com