Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 65 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 65 Page - ams AG

Back Button AS8268 Datasheet HTML 61Page - ams AG AS8268 Datasheet HTML 62Page - ams AG AS8268 Datasheet HTML 63Page - ams AG AS8268 Datasheet HTML 64Page - ams AG AS8268 Datasheet HTML 65Page - ams AG AS8268 Datasheet HTML 66Page - ams AG AS8268 Datasheet HTML 67Page - ams AG AS8268 Datasheet HTML 68Page - ams AG AS8268 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 65 of 136
Pulse Counter
A synchronous pulse counter is used. It is started after the COUNT bit has been set. The first led pulse is used
for synchronisation. The second led pulse starts counting the reference pulses from the specified I/O input.
Timing:
COUNT
led
Gate
refp
counted refp
CINT
Notes:
1) The COUNT signal is synchronized with ‘led’.
2) COUNT is reset and CINT is set using clk and checking for falling edge on Gate.
3) The PCNT register is only updated when counting is finished.
Example:
Select IO3 as the pulse reference input.
Meter is 220Vmains; Imax = 20A
Meter constant: 1,600imp/kWh
Reference meter constant: 16 million imp/kWh
Register settings:
MPIO
SET_EN0
(9505h):
IO3 bit = 0 (output disabled)
SEL_IN_REFP
(950Ch):
02h
DSP
mconst
(9330h):
07h
(Ideal) Pulse_lev (932Ch – 932Ah) =
A
20
A
40
V
220
V
230
950
,
570
×
×
= 1,193,804
⇒ 12374Ch
⇒ 932Ah: 4Ch
932Bh: 37h
932Ch: 12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com